PART |
Description |
Maker |
MC100LVEL12 MC100LVEL12D ON0516 |
From old datasheet system Low Impedance Driver
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
MC100EL12D MC100EL12DG MC100EL12DR2 MC100EL12DR2G |
5.0 V ECL Low Impedance Driver 100EL SERIES, 2-INPUT OR/NOR GATE, PDSO8
|
ONSEMI[ON Semiconductor] http://
|
U74AHC1G126G-AL5-R U74AHC1G126L-AL5-R |
The U74AHC1G126 is a single bus buffer gate/line driver with 3-state output. When OE is low, the Y output are in a high-impedance state.
|
Unisonic Technologies
|
CN-0217 AD8606 AD5933 AD5934 |
High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
|
Analog Devices
|
1N659 1N660 FDLL659 1N661 1N746 1N963 1N3600 FDLL6 |
Ultra fast low capacitance diode. Working inverse voltage 50 V. High speed high conductance diode. Working inverse voltage 175 V. General purpose low diode. Working inverse voltage 100V. 500 mW silicon linear diode. Max zener impedance 6.0 Ohm, max zener voltage 7.5 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 5.1 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 7.0 Ohm, max zener voltage 6.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 23.0 Ohm, max zener voltage 3.9 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 11.0 Ohm, max zener voltage 5.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 24.0 Ohm, max zener voltage 3.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 22.0 Ohm, max zener voltage 4.3 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 5.0 Ohm, max zener voltage 6.8 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 8.0 Ohm, max zener voltage 8.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 10.0 V (Iz 20mA). General purpose low diode. Working inverse voltage 200V. General Purpose Diodes
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
2SK246 |
N CHANNEL JUNCTION TYPE (FOR CONSTANT CURRENT/ IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS)
|
Toshiba Semiconductor
|
UZ7.5BS UZ39BS UZ15BS UZ6.2BS UZ9.1BS UZ10BS UZ11B |
Low reverse leakage, Low zener impedance (UZ-BS) Low reverse leakage / Low zener impedance
|
List of Unclassifed Manufacturers ETC[ETC] SIYU
|
DL5241BZMM5241B DL5229BZMM5229B DL5233BZMM5233B DL |
Low zener impedance
|
Chendahang Electronics ...
|
2SK0065 2SK65 |
For Impedance Conversion In Low Frequency
|
http:// PANASONIC[Panasonic Semiconductor]
|
DJ4X10016TA-11 |
CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X ALUMINIUM ELECTROLYTIC LOW IMPEDANCE
|
Dubilier
|
MC6408 |
N-Channel 20-V (D-S) MOSFET Low thermal impedance
|
ShenZhen FreesCale Electronics. Co., Ltd
|